PART |
Description |
Maker |
M80-4T100F1-66-321 |
Datamate 2-Row Mix-Tek Female Vertical PC Tail Connector, Hexagonal jackscrews, no signal contacts, 12 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
15-87-0205 |
Connector; No. of Contacts:68; Mounting Type:PCB; Gender:Female; No. of Rows:2; Pitch Spacing:0.05" 68 CONTACT(S), FEMALE, TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE
|
Molex, Inc.
|
10-01-3046 |
Multipole Connector; Gender:Female; No. of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; No. of Rows:1 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
15-38-8100 15-38-8180 15-38-8070 15-38-8020 15-38- |
Connector Housing; Number of Contacts:10; Pitch Spacing:2.54mm; Number of Rows:1; Gender:Receptacle; Series:C-Grid SL; Connector Body Material:Polyester; Contact Termination:Crimp 10 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 18Ckt 18 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 7Ckt 7 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 2Ckt 2 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 4Ckt 4 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 12Ckt 12 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 16Ckt 16 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 23Ckt 23 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female Tin 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 30 SAu 25Ckt 25 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 20Ckt 20 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 13Ckt 13 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 9Ckt 9 CONTACT(S), FEMALE, FFC/FPC CONNECTOR, CRIMP SL FFC/FPC Opt G Female 15 SAu 14Ckt SL FFC/FPC Opt G Female 30 SAu 12Ckt
|
Molex, Inc. MOLEX INC
|
09-50-8151 09-50-8193 09-50-8171 09-50-8020 09-50- |
KK 156 Crimp Housing Ramp 15 Ckt 15 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 19 Ckt 19 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Ramp 17 Ckt 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,2 Contacts,SKT,0.156 Pitch 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing Pol Ramp 20 Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; No. of Contacts:10; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP Header Connector,Cable Mnt,PLUG,13 Contacts,SKT,0.156 Pitch,POLARIZED LCK 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 05 Ckt 5 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP KK 156 Crimp Housing 07 Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP 9508153 KK 156 Crimp Housing 15 Ckt
|
Molex, Inc. MOLEX INC
|
19418-0007 |
Receptacle assembly; Gender:Female; Number of Contacts:2; Series:MX150L; Color:Black; For Use With:19420; Pitch Spacing:5.84mm; Wire Size (AWG):16-14 2 CONTACT(S), FEMALE, COMBINATION LINE CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
09-50-1041 |
Multipole Connector; Gender:Female; Number of Contacts:4; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
3005W5SXX99A30X |
D-SUB COMBINATION FEMALE 5W5S WITHOUT CONTACTS
|
CONEC Elektronische Bau...
|
UTL6122G21W5S |
FEMALE PLUG SIZE 12 LAYOUT 8 CONTACTS
|
List of Unclassifed Man...
|
M80-4S1240500-01-301-00-000 |
Datamate 2-Row Mix-Tek Female Vertical Connector, No jackscrews, 24 x SMT signal contacts, 1 x 3mm PC Tail Coax contact 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER AND SMT
|
Harwin PLC
|
43645-0700 43645-1200 43645-0900 43645-1000 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:12; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:9; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
|